rhopoint components ltd tel: +44 (0) 870 608 1188 fax: +44 (0) 870 241 2255 germany: +49 (0) 692 199 8606 fax: +49 (0) 692 199 8595 email: sales@rhopointcomponents.com website: www.rhopointcomponents.com rr precision surface mount chip resistors provide excellent temperature stability combined with low noise and good high frequency response. the resistive element is a ni-cr film and the wrap around terminations are solder plated with a leach resistant nickel barrier. they are suitable for all soldering methods including vapour phase, reflow and wave soldering. ? 25ppm/c ? 0.1% 25ppm/c 0.1% precision thin film chip RR1632 series t.c. 25ppm/c power rating 1/8 w max. operating voltage 150 v operating temp. range ?55c to +125c maximum ambient temp. at rated power +70c insulation resistance over 1,000 m w specifications: dimensions in mm 1206 size
|